Part Number Hot Search : 
1533A GGRNRE T114033 KBPC3506 R325CH02 1N5988B SBT607 L78M09CV
Product Description
Full Text Search
 

To Download PS21963-4ES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
PS21963-4ES
INTEGRATED POWER FUNCTIONS
600V/8A low-loss CSTBT TM inverter bridge for three phase DC-to-AC power conversion. Open emitter type.
INTEGRATED DRIVE, PROTECTION AND SYSTEM CONTROL FUNCTIONS
* * * * * For upper-leg IGBTS :Drive circuit, High voltage high-speed level shifting, Control supply under-voltage (UV) protection. For lower-leg IGBTS : Drive circuit, Control supply under-voltage protection (UV), Short circuit protection (SC). Fault signaling : Corresponding to an SC fault (Lower-leg IGBT) or a UV fault (Lower-side supply). Input interface : 3V, 5V line (High Active). UL Approved : Yellow Card No. E80276
APPLICATION AC100V~200V inverter drive for small power motor control.
Fig. 1 PACKAGE OUTLINES
38 0.5 20x1.778(=35.56 ) 35 0.3 A 16-0.5 1
(1)
Dimensions in mm
B
0.4
3.5 1.5 0.05
TERMINAL CODE 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16. 17. 18. 19. 20. 21. 22. 23. 24. 25. (VNC) VUFB VVFB VWFB UP VP WP VP1 VNC * UN VN WN VN1 FO CIN VNC * NC NW NV NU W V U P NC
0.28 1.778 0.2 17
14.4 0.5
(3.5)
33.7 0.5
18.9 0.5
14.4 0.5
2-
R1
.6
QR Code
Type name Lot No.
3 MIN
12
29.2 0.5
24 0.5
0.8 HEAT SINK SIDE
18 0.28 2.54 0.2 14x2.54(=35.56) 0.5 0.5 0.5
25
4-C1.2
0.4
8-0.6 0.5
2.5 MIN
(2.656)
(0~5)
(3.3)
1.5m in
9.5 0.5
(1.2)
(1.2) (2.756) DETAIL A DETAIL B
HEAT SINK SIDE
*) Two VNC terminals (9 & 16 pin) are connected inside DIP-IPM, please connect either one to the 15V power supply GND outside and leave another one open.
5.5 0.5
Mar. 2007
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
MAXIMUM RATINGS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCC VCC(surge) VCES IC ICP PC Tj Parameter Supply voltage Supply voltage (surge) Collector-emitter voltage Each IGBT collector current Each IGBT collector current (peak) Collector dissipation Junction temperature Condition Applied between P-NU, NV, NW Applied between P-NU, NV, NW TC = 25C TC = 25C, less than 1ms TC = 25C, per 1 chip (Note 1) Ratings 450 500 600 8 16 24.3 -20~+125 Unit V V V A A W C
Note 1 : The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150C (@ TC 100C). However, to ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(ave) 125C (@ TC 100C).
CONTROL (PROTECTION) PART
Symbol VD VDB VIN VFO IFO VSC Parameter Control supply voltage Control supply voltage Input voltage Fault output supply voltage Fault output current Current sensing input voltage Condition Applied between VP1-VNC, VN1-VNC Applied between VUFB-U, VVFB-V, VWFB-W Applied between UP, VP, WP, UN, VN, WN-VNC Applied between FO-VNC Sink current at FO terminal Applied between CIN-VNC Ratings 20 20 -0.5~VD+0.5 -0.5~VD+0.5 1 -0.5~VD+0.5 Unit V V V V mA V
TOTAL SYSTEM
Parameter VCC(PROT) Self protection supply voltage limit (short circuit protection capability) Module case operation temperature TC Tstg Storage temperature Viso Isolation voltage Symbol Condition VD = 13.5~16.5V, Inverter part Tj = 125C, non-repetitive, less than 2s (Note 2) 60Hz, Sinusoidal, 1 minute, Between pins and heat-sink plate Ratings 400 -20~+100 -40~+125 1500 Unit V C C Vrms
Note 2: TC measurement point
Control terminals
DIP-IPM
11.6mm
3mm
IGBT chip position FWD chip position Power terminals
TC point Heat sink side
Mar. 2007 2
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
THERMAL RESISTANCE
Symbol Rth(j-c)Q Rth(j-c)F Parameter Junction to case thermal resistance (Note 3) Condition Inverter IGBT part (per 1/6 module) Inverter FWD part (per 1/6 module) Min. -- -- Limits Typ. -- -- Max. 4.1 5.4 Unit C/W C/W
Note 3 : Grease with good thermal conductivity should be applied evenly with about +100m~+200m on the contacting surface of DIP-IPM and heat-sink. The contacting thermal resistance between DIP-IPM case and heat sink (Rth(c-f)) is determined by the thickness and the thermal conductivity of the applied grease. For reference, Rth(c-f) (per 1/6 module) is about 0.3C/W when the grease thickness is 20m and the thermal conductivity is 1.0W/m*k.
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise noted) INVERTER PART
Symbol VCE(sat) VEC ton trr tc(on) toff tc(off) ICES Parameter Collector-emitter saturation voltage FWD forward voltage Condition IC = 8A, Tj = 25C VD = VDB = 15V VIN = 5V IC = 8A, Tj = 125C Tj = 25C, -IC = 8A, VIN = 0V VCC = 300V, VD = VDB = 15V IC = 8A, Tj = 125C, VIN = 0 5V Inductive load (upper-lower arm) Collector-emitter cut-off current Tj = 25C Tj = 125C Min. -- -- -- 0.60 -- -- -- -- -- -- Limits Typ. 1.70 1.80 1.90 1.10 0.30 0.40 1.40 0.40 -- -- Max. 2.20 2.30 2.35 1.70 -- 0.60 2.00 0.75 1 10 Unit V V s s s s s mA
Switching times
VCE = VCES
CONTROL (PROTECTION) PART
Symbol Parameter Condition VD = VDB = 15V Total of VP1-VNC, VN1-VNC VIN = 5V VUFB-U, VVFB-V, VWFB-W Total of VP1-VNC, VN1-VNC VD = VDB = 15V VIN = 0V VUFB-U, VVFB-V, VWFB-W VSC = 0V, FO terminal pull-up to 5V by 10k VSC = 1V, IFO = 1mA Tj = 25C, VD = 15V (Note 4) VIN = 5V Trip level Reset level Tj 125C Trip level Reset level (Note 5) Min. -- -- -- -- 4.9 -- 0.43 0.70 10.0 10.5 10.3 10.8 20 -- 0.8 0.35 Limits Typ. -- -- -- -- -- -- 0.48 1.00 -- -- -- -- -- 2.1 1.3 0.65 Max. 2.80 0.55 2.80 0.55 -- 0.95 0.53 1.50 12.0 12.5 12.5 13.0 -- 2.6 -- -- Unit
ID
Circuit current
mA
VFOH VFOL VSC(ref) IIN UVDBt UVDBr UVDt UVDr tFO Vth(on) Vth(off) Vth(hys)
Fault output voltage Short circuit trip level Input current Control supply under-voltage protection Fault output pulse width ON threshold voltage OFF threshold voltage ON/OFF threshold hysteresis voltage
Applied between UP, VP, WP, UN, VN, WN-VNC
V V V mA V V V V s V V V
Note 4 : Short circuit protection is functioning only for the lower-arms. Please select the external shunt resistance such that the SC trip-level is less than 1.7 times of the current rating. 5 : Fault signal is asserted corresponding to a short circuit or lower side control supply under-voltage failure.
Mar. 2007 3
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
MECHANICAL CHARACTERISTICS AND RATINGS
Parameter Mounting torque Condition Mounting screw : M3 Recommended : 0.69 N*m (Note 6) (Note 7) Min. 0.59 -- -50 Limits Typ. -- 10 -- Max. 0.78 -- 100 Unit N*m g m
Weight Heat-sink flatness Note 6 : Plain washers (ISO 7089~7094) are recommended.
Note 7: Flatness measurement position
Measurement position
+-
4.6mm
DIP-IPM
Heat sink side
- +
Heat sink side
RECOMMENDED OPERATION CONDITIONS
Symbol VCC VD VDB VD, VDB tdead fPWM IO Parameter Supply voltage Control supply voltage Control supply voltage Control supply variation Arm shoot-through blocking time PWM input frequency Allowable r.m.s. current Condition Applied between P-NU, NV, NW Applied between VP1-VNC, VN1-VNC Applied between VUFB-U, VVFB-V, VWFB-W For each input signal, TC 100C TC 100C, Tj 125C VCC = 300V, VD = VDB = 15V, fPWM = 5kHz P.F = 0.8, sinusoidal PWM, (Note 8) fPWM = 15kHz Tj 125C, TC 100C (Note 9) Min. 0 13.5 13.0 -1 1.5 -- -- -- 0.5 0.5 -5.0 Limits Typ. 300 15.0 15.0 -- -- -- -- -- -- -- -- Max. 400 16.5 18.5 1 -- 20 4.0 Arms 2.5 -- -- 5.0 s V Unit V V V V/s s kHz
Between VNC-NU, NV, NW (including surge) Note 8 : The allowable r.m.s. current value depends on the actual application conditions. 9 : IPM might not make response if the input signal pulse width is less than the recommended minimum value.
PWIN(on) Allowable minimum input PWIN(off) pulse width VNC variation VNC
Mar. 2007 4
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
Fig. 2 THE DIP-IPM INTERNAL CIRCUIT
VUFB
HVIC IGBT1 Di1
DIP-IPM
P
VUB
VP1 UP VNC
VCC
UP
COM
UOUT
VUS
U
VVFB VP
VVB VP
IGBT2
VOUT VVS
Di2
V
VWFB WP
VWB WP
IGBT3
WOUT VWS
Di3
W IGBT4 Di4
LVIC
UOUT
VN1
VCC
NU IGBT5
VOUT
Di5
UN VN WN
Fo
UN VN WN Fo WOUT CIN VNO
NV IGBT6 Di6
NW
VNC
GND
CIN
Mar. 2007 5
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
Fig. 3 TIMING CHART OF THE DIP-IPM PROTECTIVE FUNCTIONS [A] Short-Circuit Protection (Lower-side only with the external shunt resistor and CR filter)
a1. Normal operation : IGBT ON and carrying current. a2. Short circuit detection (SC trigger). a3. IGBT gate hard interruption. a4. IGBT turns OFF. a5. FO outputs (tFO(min) = 20s). a6. Input "L" : IGBT OFF. a7. Input "H" : IGBT ON. a8. IGBT OFF in spite of input "H".
Lower-side control input Protection circuit state SET
a6 a7
RESET
Internal IGBT gate a2 a1 Output current Ic Sense voltage of the shunt resistor SC
a3
a4 a8 SC reference voltage
CR circuit time constant DELAY Error output Fo a5
[B] Under-Voltage Protection (Lower-side, UVD)
b1. Control supply voltage rising : After the voltage level reaches UVDr, the circuits start to operate when next input is applied. b2. Normal operation : IGBT ON and carrying current. b3. Under voltage trip (UVDt). b4. IGBT OFF in spite of control input condition. b5. FO outputs (tFO 20s and FO outputs continuously during UV period). b6. Under voltage reset (UVDr). b7. Normal operation : IGBT ON and carrying current.
Control input
Protection circuit state UVDr
RESET
SET
RESET b6
Control supply voltage VD
b1
UVDt
b3 b4
b2 Output current Ic
b7
Error output Fo
b5
Mar. 2007 6
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
[C] Under-Voltage Protection (Upper-side, UVDB)
c1. Control supply voltage rising : After the voltage level reaches UVDBr, the circuits start to operate when next input is applied. c2. Normal operation : IGBT ON and carrying current. c3. Under voltage trip (UVDBt). c4. IGBT OFF in spite of control input signal level, but there is no FO signal outputs. c5. Under voltage reset (UVDBr). c6. Normal operation : IGBT ON and carrying current.
Control input
Protection circuit state UVDBr Control supply voltage VDB
RESET
SET
RESET
c1
UVDBt
c5 c3 c4 c6
c2 Output current Ic High-level (no fault output) Error output Fo
Fig. 4 RECOMMENDED MCU I/O INTERFACE CIRCUIT
5V line
10k
DIP-IPM
UP,VP,WP,UN,VN,WN
MCU
Fo VNC(Logic)
Note : The setting of RC coupling at each input (parts shown dotted) depends on the PWM control scheme and the wiring impedance of the printed circuit board. The DIP-IPM input section integrates a 3.3k (min) pull-down resistor. Therefore, when using an external filtering resistor, pay attention to the turn-on threshold voltage.
3.3k (min)
Fig. 5 WIRING CONNECTION OF SHUNT RESISTOR
DIP-IPM
Each wiring inductance should be less than 10nH. Equivalent to the inductance of a copper pattern in dimension of width=3mm, thickness=100m, length=17mm
VNC
NU NV NW
Shunt resistors Please make the GND wiring connection of shunt resistor to the VNC terminal as close as possible.
Mar. 2007 7
MITSUBISHI SEMICONDUCTOR
PS21963-4ES
TRANSFER-MOLD TYPE INSULATED TYPE
Fig. 6 AN EXAMPLE OF TYPICAL DIP-IPM APPLICATION CIRCUIT
C1: Electrolytic capacitor with good temperature characteristics C2,C3: 0.22~2F R-category ceramic capacitor for noise filtering
C2 C1
C2 C1 C2 C1
Bootstrap negative electrodes should be connected to U, V, W terminals directly and separated from the main output wires.
VUFB HVIC VP1
C3 VCC UP VUB UOUT VUS
VVFB
VWFB
DIP-IPM
P
UP
U
VVB
VP
VP
VOUT VVS
V
M
VWB
WP VNC
WP COM
WOUT VWS
W
Note 1 : Input drive is High-Active type. There is a 3.3k(min.) pull-down resistor integrated in the IC input circuit. To prevent malfunction, the wiring of each input should be as short as possible. When using RC coupling circuit, make sure the input signal level meet the turn-on and turn-off threshold voltage. 2 : Thanks to HVIC inside the module, direct coupling to MCU without any opto-coupler or transformer isolation is possible. 3 : FO output is open drain type. It should be pulled up to the positive side of a 5V power supply by a resistor of about 10k. 4 : To prevent erroneous protection, the wiring of A, B, C should be as short as possible. 5 : The time constant R1C4 of the protection circuit should be selected in the range of 1.5-2s. SC interrupting time might vary with the wiring pattern. Tight tolerance, temp-compensated type is recommended for R1, C4. 6 : All capacitors should be mounted as close to the terminals of the DIP-IPM as possible. (C1: good temperature, frequency characteristic electrolytic type, and C2, C3: good temperature, frequency and DC bias characteristic ceramic type are recommended.) 7 : To prevent surge destruction, the wiring between the smoothing capacitor and the P, N1 terminals should be as short as possible. Generally a 0.1-0.22F snubber between the P-N1 terminals is recommended. 8 : Two VNC terminals (9 & 16 pin) are connected inside DIP-IPM, please connect either one to the 15V power supply GND outside and leave another one open. 9 : It is recommended to insert a Zener diode (24V/1W) between each pair of control supply terminals to prevent surge destruction. 10 : If control GND is connected to power GND by broad pattern, it may cause malfunction by power GND fluctuation. It is recommended to connect control GND and power GND at only a point. 11 : The reference voltage Vref of comparator should be set up the same rating of short circuit trip level (Vsc(ref): min.0.43V to max.0.53V). 12 : OR logic output high level should exceed the maximum short circuit trip level (Vsc(ref): max.0.53V). Mar. 2007 8
MCU
VN1
5V line C3 VCC
LVIC
UOUT
NU
VOUT
UN VN WN Fo
UN VN WN WOUT Fo CIN VNO
NV
NW C
VNC
GND
Long wiring here might cause short-circuit.
CIN
15V line
Long GND wiring here might generate noise to input and cause IGBT malfunction.
Long wiring here might cause SC level fluctuation and malfunction.
A + + OR Logic + Vref Vref Vref B R1 C4 B R1 C4 B R1 C4 N1
Shunt resistors
Comparator
External protection circuit


▲Up To Search▲   

 
Price & Availability of PS21963-4ES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X